Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDP610 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IXDP610
Description  Bus Compatible Digital PWM Controller, IXDP 610
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP610 Datasheet(HTML) 8 Page - IXYS Corporation

  IXDP610 Datasheet HTML 1Page - IXYS Corporation IXDP610 Datasheet HTML 2Page - IXYS Corporation IXDP610 Datasheet HTML 3Page - IXYS Corporation IXDP610 Datasheet HTML 4Page - IXYS Corporation IXDP610 Datasheet HTML 5Page - IXYS Corporation IXDP610 Datasheet HTML 6Page - IXYS Corporation IXDP610 Datasheet HTML 7Page - IXYS Corporation IXDP610 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2001 IXYS/DEI All rights reserved
8
IXDP 610
have only one dead-time period in-
serted in each PWM cycle. In Fig. 6b
the desired ontime of OUT1 is less
than the one dead-time period, there-
fore OUT1 can never turn on. The
same is true for OUT2 in Fig. 6d. Fig.
6c is the normal situation, where both
outputs turn on and off during one
PWM cycle and, as a result, two
dead-time periods are inserted.
Response to a Change in the Pulse
Width Number
One can change the Pulse Width
number at any time. It is not
necessary to synchronize writes to
the Pulse Width latch with the CLK or
the PWM cycle period. The IXDP610
responds to the new Pulse Width
number three clock cycles after the
Pulse Width latch is loaded (1 CLK
cycle after WR goes high). Thus,
OUT1 and OUT2 will immediately
reflect the new Pulse Width number.
The IXDP610 does not wait until the
next PWM cycle to implement a
change in the Pulse Width number.
(See Fig. 7).
The resulting duty cycle is some-
where between the old and the new
duty cycle. The exact value of the
resulting duty cycle depends on when
the Width Latch is loaded (1 CLK
cycle after WR goes high). Thus,
OUT1 and OUT2 will immediately
reflect the new Pulse Width number.
The IXDP610 does not wait until the
next PWM cycle to implement a
change in the Pulse Width number.
Fig. 7a shows what happens when the
Pulse Width number is changed from
20 % to 80 % near the middle of the
PWM cycle. Fig. 7b shows the reverse
situation.
The resulting duty cycle is somewhere
between the old and the new duty
cycle. The exact value of the resulting
duty cycle depends when the Width
latch is loaded (1 CLK cycle after WR
goes high). Thus, OUT1 and OUT2 will
immediately reflect the new Pulse
Width number. The IXDP610 does not
wait until the next PWM cycle to
implement a change in the Pulse Width
number.
Fig. 7 Effect of Changing the Duty
Cycle during a PWM Cycle
Fig. 6 Effect of Nonzero Dead-time on
PWM Waveform
on-time of an output is less than one
dead-time period, the output will not
turn on. This is shown in Fig. 6b and
6d. Therefore, the commanded duty
cycle and the actual duty cycle may
differ slightly, especially at extreme
duty cycle values.
Additionally, the dead-time can have
an effect on the voltage applied to
the load by the switching power
bridge; the exact effect is a function
of the direction of the current in the
bridge and the architecture of the
bridge. One should try and choose
the smallest dead-time that will work
with the given switch configuration.
Fig. 6.a and 6.e illustrate the two
duty cycle extremes, 0 % and 100 %.
In these two instances there will
never by a dead-time period, regard-
less of the value programmed in the
dead-time bits, because neither
output ever turns off. Fig. 6b and 6d
t
PW = 0
t
PW ≤ tDT
t
PW > tDT
t
PW < (tCYCL - tDT)
t
PW ≥ (tCYCL - tDT)
t
PW = tCYCL
a)
b)
a)
b)
c)
d)
e)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com