Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN44N50Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN44N50Q
Description  HiPerFET Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN44N50Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN44N50Q Datasheet HTML 1Page - IXYS Corporation IXFN44N50Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
44N50
44
A
48N50
48
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
44N50
176
A
48N50
192
A
I
AR
T
C
= 25
°C48
A
E
AR
T
C
= 25
°C
60
mJ
E
AS
2.5
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
500
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL£ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.5/13
Nm/lb.in.
Weight
30
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
500
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.0
4.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C
100
mA
V
GS = 0 V
T
J
= 125
°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
44N50
120
m
W
48N50
100
m
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
HiPerFETTM
Power MOSFETs
Q-Class
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
Features
• IXYS advanced low Q
g process
• Low gate charge and capacitances
- easier to drive
- faster switching
• Unclamped Inductive Switching (UIS)
rated
• Low R
DS (on)
• Fast intrinsic diode
• Internationalstandardpackage
• miniBLOC withAluminiumnitride
isolation for low thermal resistance
• Low terminal inductance (<10 nH) and
stray capacitance to heatsink (<35pf)
• Molding epoxies meet UL 94 V-0
flammability classification
Applications
• DC-DC converters
• Battery chargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• Temperatureandlightingcontrols
Advantages
• Easy to mount
• Space savings
• High power density
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
V
DSS
I
D25
R
DS(on)
IXFN 44N50Q
500 V 44 A 120 m
W
IXFN 48N50Q
500 V 48 A 100 m
W
t
rr £ 250 ns
IXYS reserves the right to change limits, test conditions, and dimensions.
98715 (03/30/00)


Similar Part No. - IXFN44N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN44N50Q IXYS-IXFN44N50Q_03 Datasheet
572Kb / 4P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFN44N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
HiPerFET Power MOSFETs Q-CLASS
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
HiPerFET Power MOSFETs Q-Class
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com