Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX44N60 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX44N60
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX44N60 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX44N60 Datasheet HTML 1Page - IXYS Corporation IXFX44N60 Datasheet HTML 2Page - IXYS Corporation IXFX44N60 Datasheet HTML 3Page - IXYS Corporation IXFX44N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
I
D - Amperes
0
2040
6080
100
0.8
1.2
1.6
2.0
2.4
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
10
20
30
40
50
60
T
J - Degrees C
25
50
75
100
125
150
0.8
1.2
1.6
2.0
2.4
V
GS - Volts
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
10
20
30
40
50
60
V
DS - Volts
0
4
8
12
16
20
24
0
20
40
60
80
V
DS - Volts
0
4
8
12
16
20
24
0
20
40
60
80
100
5V
V
GS = 10V
V
GS = 10V
9V
8V
7V
6V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
6V
I
D = 44A
T
J = 125
oC
V
GS = 10V
9V
8V
7V
I
D = 22A
V
GS = 10V
V
GS = 10V
T
J = 25
OC
T
J = 25
oC
T
J = 125
OC
T
J = 25
OC
5V
IXFK 44N60
IXFX 44N60
Figure 3. R
DS(on) normalized to 15A/25
OC vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 15A/25
OC vs. T
J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com