Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985AIBP-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985AIBP-3.3
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985AIBP-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP2985AIBP-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP2985AIBP-3.3 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VIN =
VOUT(NOM) +1, TA = 25˚C, ON/OFF pin is tied to VIN. (Continued)
Ripple Rejection
Output Impedance vs Frequency
10014022
10014020
Output Impedance vs Frequency
Output Noise Density
10014021
10014024
Output Noise Density
Ground Pin vs Load Current
10014025
10014026
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com