Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58342V Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58342V
Description  MM58342 High Voltage Display Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58342V Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM58342V Datasheet HTML 1Page - National Semiconductor (TI) MM58342V Datasheet HTML 2Page - National Semiconductor (TI) MM58342V Datasheet HTML 3Page - National Semiconductor (TI) MM58342V Datasheet HTML 4Page - National Semiconductor (TI) MM58342V Datasheet HTML 5Page - National Semiconductor (TI) MM58342V Datasheet HTML 6Page - National Semiconductor (TI) MM58342V Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MM58342
High Voltage Display Driver
General Description
The MM58342 is a monolithic MOS integrated circuit utilizing
CMOS metal gate low threshold P- and N-channel devices. It
is available both in 28-pin molded dual-in-line packages or
as dice. The MM58342 is particularly suited for driving high
voltage (35V max) vacuum fluorescent (VF) displays (e.g., a
20-digit alphanumeric or dot matrix display).
Applications
n
COPS™ or microprocessor-driven displays
n
Instrumentation readouts
n
Industrial control indicator
n
Digital clock, thermostat, counter, voltmeter
n
Word processor text displays
n
Automotive dashboards
Features
n
Direct interface to high voltage display
n
Serial data input
n
No external resistors required
n
Wide display power supply operation
n
LSTTL compatible inputs
n
Software compatible with NS display driver family
n
Compatible with alphanumeric or dot matrix displays
n
Display blanking control input
n
Simple to cascade
Block Diagram
00792501
FIGURE 1.
February 1995
© 2001 National Semiconductor Corporation
DS007925
www.national.com


Similar Part No. - MM58342V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
More results

Similar Description - MM58342V

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
High-Voltage Display Driver
logo
National Semiconductor ...
MM58348 NSC-MM58348 Datasheet
142Kb / 6P
MM58348 High Voltage Display Driver
MM58241 NSC-MM58241 Datasheet
150Kb / 8P
MM58241 High Voltage Display Driver
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
High Voltage Display Driver
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
CMOS High Voltage Display Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com