Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXST35N120B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXST35N120B
Description  IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXST35N120B Datasheet(HTML) 2 Page - IXYS Corporation

  IXST35N120B Datasheet HTML 1Page - IXYS Corporation IXST35N120B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
23
S
Note 2
C
ies
3600
pF
C
oes
V
CE
= 25 V, V
GE = 0 V, f = 1 MHz
260
pF
C
res
75
pF
Q
g
120
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
33
nC
Q
gc
49
nC
t
d(on)
36
ns
t
ri
27
ns
t
d(off)
160
300
ns
t
fi
180
300
ns
E
off
59
mJ
t
d(on)
38
ns
t
ri
29
ns
E
on
2.5
mJ
t
d(off)
240
ns
t
fi
340
ns
E
off
9mJ
R
thJC
0.42 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 125°
°°°°C
I
C
= I
C90, VGE = 15 V
R
G
= 5
Ω, V
CE = 0.8 VCES
Note 3
TO-247 AD Outline (IXSH)
Inductive load, T
J = 25°
°°°°C
I
C
= I
C90, VGE = 15 V
R
G
= 5
Ω
V
CE = 0.8 VCES
Note 3
Notes: 1.
Device must be heatsunk for high temperature leakage current
measurements to avoid thermal runaway.
2.
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
3.
Switching times may increase for V
CE (Clamp) > 0.8
V
CES, higher TJ or
increased R
G.
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector
TO-268 Outline (IXST)
IXSH 35N120B
IXST 35N120B
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com