Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS4151P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJS4151P
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS4151P Datasheet(HTML) 4 Page - ON Semiconductor

  NTJS4151P_14 Datasheet HTML 1Page - ON Semiconductor NTJS4151P_14 Datasheet HTML 2Page - ON Semiconductor NTJS4151P_14 Datasheet HTML 3Page - ON Semiconductor NTJS4151P_14 Datasheet HTML 4Page - ON Semiconductor NTJS4151P_14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTJS4151P
http://onsemi.com
4
0
250
500
750
1000
1250
04
8
12
16
20
Figure 7. Capacitance Variation
VGS = 0 V
TJ = 25°C
CISS
QT
VGS
VDS
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
QG, TOTAL GATE CHARGE (nC)
ID = −3.3 A
TJ = 25°C
100
1000
10000
1
10
100
tf
td(off)
tr
td(on)
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
Gate Resistance
0
0.5
1
1.5
2
2.5
3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 10. Diode Forward Voltage versus
Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
0
1
2
3
4
5
02
4
6
8
10
12
0
3
6
9
12
15
Qgd
Qgs
Table 1. ORDERING INFORMATION
Part Number
Marking
(XX)
Package
Shipping†
NTJS4151PT1
TY
SC−88
3000 / Tape & Reel
NTJS4151PT1G
TY
SC−88
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com