Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTJS3151PT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTJS3151PT2G
Description  Trench Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJS3151PT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NTJS3151PT2G Datasheet HTML 1Page - ON Semiconductor NTJS3151PT2G Datasheet HTML 2Page - ON Semiconductor NTJS3151PT2G Datasheet HTML 3Page - ON Semiconductor NTJS3151PT2G Datasheet HTML 4Page - ON Semiconductor NTJS3151PT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTJS3151P, NVJS3151P
www.onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VGS = 0 V
4
08
1600
600
400
200
0
12
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
4
1
0
Qg, TOTAL GATE CHARGE (nC)
TJ = 25°C
Coss
Ciss
Crss
ID = −3.3 A
TJ = 25°C
1000
6
4
2
3
Q2
Q1
10
1
1000
100
100
RG, GATE RESISTANCE (OHMS)
VDD = −6.0 V
ID = −1.0 A
VGS = −4.5 V
2
800
4.5
td(off)
td(on)
tf
tr
10
2
0.6
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
0.7
0.1
0
3
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Gate Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
6
1400
810
QT
10000
0.2
0.5
0.3
1
2
4
0.4
1200
3.5
2.5
1.5
0.5
0.8
0.9
ORDERING INFORMATION
Device
Marking
Package
Shipping†
NTJS3151PT1G
TJ
SC−88
(Pb−Free)
3000 / Tape & Reel
NTJS3151PT2G
TJ
NVJS3151PT1G*
VTJ
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com