Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM78C29 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM78C29
Description  Quad Single-Ended, Dual Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM78C29 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM78C29 Datasheet HTML 1Page - National Semiconductor (TI) MM78C29 Datasheet HTML 2Page - National Semiconductor (TI) MM78C29 Datasheet HTML 3Page - National Semiconductor (TI) MM78C29 Datasheet HTML 4Page - National Semiconductor (TI) MM78C29 Datasheet HTML 5Page - National Semiconductor (TI) MM78C29 Datasheet HTML 6Page - National Semiconductor (TI) MM78C29 Datasheet HTML 7Page - National Semiconductor (TI) MM78C29 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin (Note 1)
b
03V to VCC a16V
Operating Temperature Range
MM78C29MM78C30
b
55 Cto a125 C
MM88C29MM88C30
b
40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Absolute Maximum VCC
18V
Average Current at Output
MM78C30MM88C30
50 mA
MM78C29MM88C29
25 mA
Maximum Junction Temperature Tj
150 C
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
8
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
2
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
1
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
1
b
0005
m
A
ICC
Supply Current
VCC e 5V
005
100
mA
OUTPUT DRIVE
ISOURCE
Output Source Current
MM78C29MM78C30
VOUT e VCC b16V
VCC t 45V Tj e 25 C
b
57
b
80
mA
Tj e 125 C
b
32
b
50
mA
MM88C29MM88C30
VOUT e VCC b 16V
VCC t 475V Tj e 25 C
b
47
b
80
mA
Tj e 85 C
b
32
b
60
mA
MM78C29MM88C29
VOUT e VCC b 08V
b
2
b
20
mA
MM78C30MM88C30
VCC t 45V
ISINK
Output Sink Current
MM78C29MM78C30
VOUT e 04V VCC e 45V
Tj e 25 C11
20
mA
Tj e 125 C
8
14
mA
VOUT e 04V VCC e 10V
Tj e 25 C22
40
mA
Tj e 125 C16
28
mA
MM88C29MM88C30
VOUT e 04V VCC e 475V
Tj e 25 C
95
22
mA
Tj e 85 C
8
18
mA
VOUT e 04V VCC e 10V
Tj e 25 C19
40
mA
Tj e 125 C
155
33
mA
ISOURCE
Output Source Resistance
MM78C29MM78C30
VOUT e VCC b 16V
VCC t 45V Tj e 25 C20
28
X
Tj e 125 C32
50
X
MM88C29MM88C30
VOUT e VCC b 16V
VCC t 475V Tj e 25 C20
34
X
Tj e 85 C27
50
X
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com