Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985IBPX-3.3 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985IBPX-3.3
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985IBPX-3.3 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2985IBPX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP2985IBPX-3.3 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VIN =
VOUT(NOM) +1, TA = 25˚C, ON/OFF pin is tied to VIN. (Continued)
Ripple Rejection
Ripple Rejection
10014015
10014016
Ripple Rejection
Ripple Rejection
10014017
10014018
Ripple Rejection
Ripple Rejection
10014019
10014023
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com