Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM70C96 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM70C96
Description  TRI-STATE Hex Inverters, Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM70C96 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM70C96 Datasheet HTML 1Page - National Semiconductor (TI) MM70C96 Datasheet HTML 2Page - National Semiconductor (TI) MM70C96 Datasheet HTML 3Page - National Semiconductor (TI) MM70C96 Datasheet HTML 4Page - National Semiconductor (TI) MM70C96 Datasheet HTML 5Page - National Semiconductor (TI) MM70C96 Datasheet HTML 6Page - National Semiconductor (TI) MM70C96 Datasheet HTML 7Page - National Semiconductor (TI) MM70C96 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
MM70CXX
b
55 Cto a125 C
MM80CXX
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Power Supply Voltage (VCC)
18V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V
45
V
VCC e 10V
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V
05
V
VCC e 10V
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
b
10
b
0005
m
A
IOZ
Output Current in High
VCC e 15V VO e 15V
0005
10
m
A
Impedance State
VCC e 15V VO e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V
001
15
m
A
TTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
70C
VCC e 45V
VCC b 15
V
80C
VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
70C
VCC e 45V
08
V
80C
VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
70C
VCC e 45V IO eb16 mA
24
V
80C
VCC e 475V IO eb16 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
70C
VCC e 45V IO e 16 mA
04
V
80C
VCC e 475V IO e 16 mA
04
V
OUTPUT DRIVE (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 5V VIN(1) e 5V
b
435
mA
TA e 25 C VOUT e 0V
ISOURCE
Output Source Current
VCC e 10V VIN(1) e 10V
b
20
mA
TA e 25 C VOUT e 0V
ISINK
Output Sink Current
VCC e 5V VIN(0) e 0V
435
mA
TA e 25 C VOUT e VCC
ISINK
Output Sink Current
VCC e 10V VIN(0) e 0V
20
mA
TA e 25 C VOUT e VCC
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the device should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com