Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTFCP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HCTFCP
Description  High Current Thermal Fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCTFCP Datasheet(HTML) 2 Page - Vishay Siliconix

  HCTFCP Datasheet HTML 1Page - Vishay Siliconix HCTFCP Datasheet HTML 2Page - Vishay Siliconix HCTFCP Datasheet HTML 3Page - Vishay Siliconix HCTFCP Datasheet HTML 4Page - Vishay Siliconix HCTFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HCTF CP Series
www.vishay.com
Vishay Beyschlag
Revision: 10-Apr-13
2
Document Number: 28850
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
ASSEMBLY
The high current thermal fuse HCTF 235 CP is suitable for processing on automatic insert assembly systems e.g. into clamp or
crimp terminations. Any deformation and overheating of the component body to levels above the holding temperature has to
be avoided during the assembly.
The HCTF 235 CP complies with the JIG 101 list of legal restrictions on hazardous substances.
This includes full compliance with the following directives:
• 2000/53/EC End of Life Vehicle Directive (ELV) and Annex II (ELV II)
• 2011/65/EU Restriction of the use of Hazardous Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment Directive (WEEE)
RELATED PRODUCTS
A version for automatic electric resistance welding assembly systems is available, too. See the datasheet:
• HCTF 235 Series: www.vishay.com/doc?28798
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: HCTF235L150000BR00
TYPE/
FUNCTIONING
TEMPERATURE
TOLERANCE
SPECIAL
CURRENT
PACKAGING
SPECIAL
HCTF235
L = ± 15 °C
1 digit
1 = Clamp
Current in mA.
50000 = 50 A
BR
Up to 2 digits
00 = Standard
PRODUCT DESCRIPTION: HCTF 235 15 °C CP BR 50A0
HCTF
235
15 °C
CP
BR
50A0
TYPE
FUNCTIONING
TEMPERATURE
TOLERANCE
SPECIAL
PACKAGING
RATED CURRENT VALUE
HCTF
235
± 15 °C
CP = Clamp
BR
50A0 = 50 A
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL
DIAMETER
HCTF CP
BR
750
Blister tape
acc. IEC 60286-3
Type III
44 mm
12 mm
360 mm/14.2"
H
C
T
F
2
3
5
L
1
5
0
0
0
0
B
R
0
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com