Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM80C96 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM80C96
Description  TRI-STATE Hex Inverters, Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM80C96 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM80C96 Datasheet HTML 1Page - National Semiconductor (TI) MM80C96 Datasheet HTML 2Page - National Semiconductor (TI) MM80C96 Datasheet HTML 3Page - National Semiconductor (TI) MM80C96 Datasheet HTML 4Page - National Semiconductor (TI) MM80C96 Datasheet HTML 5Page - National Semiconductor (TI) MM80C96 Datasheet HTML 6Page - National Semiconductor (TI) MM80C96 Datasheet HTML 7Page - National Semiconductor (TI) MM80C96 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay Time to a Logical ‘‘0’’ or
Logical ‘‘1’’ from Data Input to Output
MM70C95MM80C95 MM70C97MM80C97
VCC e 5V
60
100
ns
VCC e 10V
25
40
ns
MM70C96MM80C96 MM70C98MM80C98
VCC e 5V
70
150
ns
VCC e 10V
35
75
ns
tpd0 tpd1
Propagation Delay Time to a Logical ‘‘0’’ or
Logical ‘‘1’’ from Data Input to Output
MM70C95MM80C95 MM70C97MM80C97
VCC e 5V CL e 150 pF
85
160
ns
VCC e 10V CL e 150 pF
40
80
ns
MM70C96MM80C96 MM70C98MM80C98
VCC e 5V CL e 150 pF
95
210
ns
VCC e 10V CL e 150 pF
45
110
ns
t1H t0H
Delay from Disable Input to High Impedance
RL e 10k CL e 5pF
State (from Logical ‘‘1’’ or Logical ‘‘0’’)
MM70C95MM80C95
VCC e 5V
80
135
ns
VCC e 10V
50
90
ns
MM70C96MM80C96
VCC e 5V
100
180
ns
VCC e 10V
70
125
ns
MM70C97MM80C97
VCC e 5V
70
125
ns
VCC e 10V
50
90
ns
MM70C98MM80C98
VCC e 5V
90
170
ns
VCC e 10V
70
125
ns
tH1 tH0
Delay from Disable Input to Logical ‘‘1’’ Level
RL e 10k CL e 50 pF
(from High Impedance State)
MM70C95MM80C95
VCC e 5V
120
200
ns
VCC e 10V
50
90
ns
MM70C96MM80C96
VCC e 5V
130
225
ns
VCC e 10V
60
110
ns
MM70C97MM80C97
VCC e 5V
95
175
ns
VCC e 10V
40
80
ns
MM70C98MM80C98
VCC e 5V
120
200
ns
VCC e 10V
50
90
ns
CIN
Input Capacitance
Any Input (Note 2)
50
pF
COUT
Output Capacitance TRI-STATE
Any Output (Note 2)
11
pF
CPD
Power Dissipation Capacitance
(Note 3)
60
pF
AC Parameters are guaranteed by DC correlated testing
Truth Tables
MM70C95MM80C95
Disable
Input
Input
Output
DIS1
DIS2
00
0
0
00
1
1
0
1
X
H-z
1
0
X
H-z
1
1
X
H-z
MM70C96MM80C96
Disable
Input
Input
Output
DIS1
DIS2
00
0
1
00
1
0
0
1
X
H-z
1
0
X
H-z
1
1
X
H-z
MM70C97MM80C97
Disable
Input
Input
Output
DIS4
DIS2
00
0
0
00
1
1
X
1
X
H-z
1
X
X
H-z
Output 5–6 only
Output 1–4 only
X e Irrelevant
MM70C98MM80C98
Disable
Input
Input
Output
DIS4
DIS2
00
0
1
00
1
0
X
1
X
H-z
1
X
X
H-z
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com