Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7906F Datasheet(PDF) 13 Page - KEC(Korea Electronics)

Part # KIA7906F
Description  1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7906F Datasheet(HTML) 13 Page - KEC(Korea Electronics)

Back Button KIA7906F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 7Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 8Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 9Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 10Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 11Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 12Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 13Page - KEC(Korea Electronics) KIA7906F Datasheet HTML 14Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
2002. 9. 24
13/14
KIA7905F~KIA7924F
Revision No : 2
TEST CIRCUIT
VOUT, Reg Line, Reg Load, IB,
IB, VD, TCVO
Notes : (1) To specify an output voltage, substitute voltage value for "XX"
(2) Required for stability. For value given, capacitor must be solid tantalum. If alumininum electrolitics are used,
at least ten times value shown should be selected. CI is required if regulator is located an appreciable distance
from power supply filter.
(3) To improve transient response. If large capacitors are used, a high current diode from input to output
(1N4001 or similar) should be introduced to protect the device from momentary iput short circuit.
KIA79XXF
2
V
1
3
A
V
A
VIN
C1
VO
C0
I O
V
A
IN
O
2
V
C1
KIA79XXF
V
3
1
C0
V
A
O
I
FILTER
10Hz~100kHz
NOISE
METER
KIA79XXF
2
1
3
VO
1
C
0
C
I O
OSCILLOSCOPE
30cm
e =1V
f=120Hz
i
p-p
R.R.=20 og eo
e i
(dB)
l
(2)
(3)
VIN
<
=
2. VNO
3. R R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com