Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-T676-R1S1-1-Z Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LS-T676-R1S1-1-Z
Description  TOPLED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-T676-R1S1-1-Z Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LS-T676-R1S1-1-Z Datasheet HTML 4Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 9Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 10Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 11Page - OSRAM GmbH LS-T676-R1S1-1-Z Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2013-10-11
8
Version 1.2
LS T676
Forward Current 7) page 18
Durchlassstrom 7) Seite18
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 18 , 8) page 18
Relative Lichtstärke 7) Seite 18 , 8) Seite 18
IV/IV(20 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 18
Relative Lichtstärke 7) Seite 18
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL00457
1.4
I
F
V
F
1.6
1.8
2.0
2.2
V 2.6
mA
10-1
100
101
102
I
OHL10233
F
V (20 mA)
I
I
V
0
10
1
10
10
2
mA
1
10
-2
10
100
10-1
super-red
yellow
orange/amber
T
OHL00238
0
V
I
-20
0
20
40
60
˚C 100
orange
j
0.4
0.8
1.2
1.6
2.0
I
V
(25 ˚C)
yellow
amber
super-red
super-red
amber
yellow
orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com