Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSMB501C Datasheet(PDF) 21 Page - Pulse A Technitrol Company

Part # GPSMB501C
Description  MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB501C Datasheet(HTML) 21 Page - Pulse A Technitrol Company

Back Button GPSMB501C Datasheet HTML 17Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 18Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 19Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 20Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 21Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 22Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 23Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 24Page - Pulse A Technitrol Company GPSMB501C Datasheet HTML 25Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Issue: 1711
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: MiMo LTE, MiMo WiFi, GNSS
Vehicle Mount Antenna
PART NUMBER: GPSMB50xx
Series: Panther
CHARTS
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
9
0
4
8
12 16
20
24
28
32
36
40
44
48
52
56
60
64
68
72
76
80
84
88
92
96
100
104
108
112
116
120
124
128
132
136
140
144
148
152
156
160
164
168
172
176
180
-178
-174
-170
-166
-162
-158
-154
-150
-146
-142
-138
-134
-130
-126
-122
-118
-114
-110
-106
-102
-98
-94
-90
-86
-82
-78
-74
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
-18
-14 -10
-6
-2
3250, LTE1
3250, LTE2
21
LTE antenna radiation pattern at 3250MHz with 2ft metal plate and
4inch cables
Vertical plot side view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com