Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9638D013TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9638D013TR
Description  LIN BUS TRANSCEIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9638D013TR Datasheet(HTML) 3 Page - STMicroelectronics

  L9638D013TR Datasheet HTML 1Page - STMicroelectronics L9638D013TR Datasheet HTML 2Page - STMicroelectronics L9638D013TR Datasheet HTML 3Page - STMicroelectronics L9638D013TR Datasheet HTML 4Page - STMicroelectronics L9638D013TR Datasheet HTML 5Page - STMicroelectronics L9638D013TR Datasheet HTML 6Page - STMicroelectronics L9638D013TR Datasheet HTML 7Page - STMicroelectronics L9638D013TR Datasheet HTML 8Page - STMicroelectronics L9638D013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
L9638
Table 5. Electrical Characteristics
(VS = 6V to 26V; TJ = -40 to 150 °C unless otherwise specified)
Item
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1
Supplies
1.1
VS
Supply Voltage
6
26
V
1.2
ISleep
Supply Vs Curent in sleep
mode
VEN = VEN low
10
30
µA
1.3
IShort
Supply Vs Curent with bus
short circuit
VEN = VEN low
150
500
1700
µA
1.4
IDStand-by
Supply Vs Current in Stand-
by Mode with bus recessive
VLIN = VLINHigh
VEN = VENLow
VTxD = VTxDHigh
30
100
200
µA
1.5
IDStand-by
Supply Vs Current in Stand-
by Mode with bus dominant
(Receive only Mode)
VLIN = VLINLow
VEN = VENLow
0.5
1.1
2.5
mA
1.6
IsNormal
Supply Vs Current in
Normal Mode with bus
recessive
VEN = VENHigh
VLIN = VLINHigh
VTxD = VTxDHigh
300
500
700
µA
1.7
IsNormal
Supply Vs Current in
Normal Mode with bus
dominant
VEN = VENHigh
VLIN = VLINLow
VTxD = VTxDLow
0.9
1.8
3.5
mA
2
LIN Bus Interface
2.1
VBUSDom
Receive Threshold Voltage
recessive to dominant state
VLIN<18V
0.40.450.5
Vs
2.2
VBUSRec
Receive Threshold Voltage
dominant to recessive state
VLIN
≥8V
0.50.550.6
Vs
2.3
VHYS
Receive Threshold
Hysteresis
VBUSRec-VBUSDom
0.05
0.1
0.17
Vs
2.4
VBUScnt
Tolerance centre value of
Receiver
(VBUSRec+VBUSDom)/2
0.475
0.5
0.525
Vs
2.5
ILINON
Input Current dominant
state
VTxD = VTxDLow
VLIN = VS
40
100
160
mA
2.5.1
ILINOff
Input Current recessive
state
VTxD = VTxDHigh
VLIN = Vs
-10
10
µA
2.5.2
ILINOff
Input Current recessive
state
VTxD = VTxDHigh; VS = 12V;
VLIN = 0V (Bus dominant )
-1
mA
2.6
VLINDom
Drive Voltage dominant
state
VTxD = VTxDLow
ILIN = 40mA
1.2
V
2.7
RLIN
Output pull up resistor
20
30
47
k
Ω
2.8
fLIN-RxD
Transmission Frequency
RVs-LIN =1100
Ω
CLIN-GND =10nF
20
kHz
2.9
dVLIN/dt
Slew rate rising edge
From 10% to 90% of VLIN
12
3
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com