Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7447053 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447053
Description  WE-FI Leaded Toroidal Line Choke
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447053 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447053_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447053_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447053_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447053_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447053_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7.7
7.6
7.5
7.4
7.3
7.2
7.1
REV
2014-06-10
2014-01-08
2013-10-17
2013-04-22
2012-12-04
2012-10-24
2012-06-27
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
SSt
SSt
JRS
SSt
SSt
SMu
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FI Leaded Toroidal Line Choke
Order.- No.
7447053
SIZE
A4
A Dimensions: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
Test conditions
10 kHz / 5 mA
∆T = 40 K
L
IR
RDC
Value
12
1.0
0.03
Unit
µH
A
Ω
Tol.
±20%
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 105°C un-
der worst case operating conditions.
•Ambient temperature: -40°C to +65°C (refering to IR)
•Operating temperature: -40°C to +105°C
•Storage temperature (in tray packaging): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7447053_15

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447053 WURTH-7447053 Datasheet
380Kb / 4P
WE-FI Leaded Toroidal Line Choke
More results

Similar Description - 7447053_15

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447014 WURTH-7447014 Datasheet
362Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447017 WURTH-7447017 Datasheet
373Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447021 WURTH-7447021 Datasheet
356Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447028 WURTH-7447028 Datasheet
358Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447030 WURTH-7447030 Datasheet
402Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447036 WURTH-7447036 Datasheet
349Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447037 WURTH-7447037 Datasheet
344Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447050 WURTH-7447050 Datasheet
372Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447051 WURTH-7447051 Datasheet
372Kb / 4P
WE-FI Leaded Toroidal Line Choke
7447076 WURTH-7447076 Datasheet
417Kb / 4P
WE-FI Leaded Toroidal Line Choke
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com