Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4622-2ARMZ
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4622-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 23Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 25Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 22 of 34
CH1 200mV
M1.00ms
A CH1
–3.80MV
1
CH1 p-p = 776.0mV
VSY = ±15V
Figure 68. 0.1 Hz to 10 Hz Noise, VSY = ±15 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
±2
±4
±6
±8
±10
±12
±14
±16
±18
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
Figure 69. Supply Current (ISY) vs. Supply Voltage (VSY) for Various
Temperatures
1.0
1.1
1.2
1.3
1.4
1.5
1.6
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = +5V
VSY = ±2.5V
VSY = ±5V
VSY = ±15V
Figure 70. Supply Current (ISY) vs. Temperature for Various Supply Voltages
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
VIN = 20V p-p
Figure 71. Channel Separation vs. Frequency, VSY = ±15 V
0.0001
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
AMPLITUDE (V rms)
VSY = ±15V
BW = 500kHz
BW = 80kHz
Figure 72. THD + N vs. Amplitude, VSY = ±15 V
0.0001
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
AMPLITUDE (V rms)
VSY = ±5V
BW = 500kHz
BW = 80kHz
0.001
Figure 73. THD + N vs. Amplitude, VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com