Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2ARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4622-2ARMZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4622-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ADA4622-1/ADA4622-2
Data Sheet
Rev. B | Page 2 of 34
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics, VSY = ±15 V...................................... 3
 
Electrical Characteristics, VSY = ±5 V........................................ 5
 
Electrical Characteristics, VSY = 5 V .......................................... 7
 
Absolute Maximum Ratings............................................................ 9
 
Thermal Resistance ...................................................................... 9
 
ESD Caution.................................................................................. 9
 
Pin Configurations and Function Descriptions ......................... 10
 
Typical Performance Characteristics ........................................... 12
 
Theory Of Operation ..................................................................... 24
 
Input Characteristics.................................................................. 24
 
Output Characteristics............................................................... 25
 
Shutdown Operation.................................................................. 26
 
Applications Information .............................................................. 27
 
Recommended Power Solution ................................................ 27
 
Maximum Power Dissipation ................................................... 27
 
Second-Order Low-Pass Filter.................................................. 27
 
Wideband Photodiode Preamplifier........................................ 27
 
Peak Detector.............................................................................. 30
 
Multiplexing Inputs.................................................................... 30
 
Full Wave Rectifier ..................................................................... 31
 
Outline Dimensions ....................................................................... 32
 
Ordering Guide .......................................................................... 34
 
REVISION HISTORY
2/2017—Rev. A to Rev. B
Added ADA4622-1........................................................ Throughout
Changed AD822 to AD820/AD822 ............................ Throughout
Changed ADA4622-2 to ADA4622-1/ADA4622-2 .. Throughout
Changed 7.5 MHz to 8 MHz in Product Title .............................. 1
Added Figure 1; Renumbered Sequentially .................................. 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 5
Changes to Table 3............................................................................ 7
Changes to Table 5............................................................................ 9
Added Figure 3, Table 6, Figure 4, and Table 7; Renumbered
Sequentially ..................................................................................... 10
Changes to Figure 11 and Figure 12............................................. 12
Added Figure 13.............................................................................. 12
Added Figure 78.............................................................................. 23
Added Shutdown Operation and Figure 86 to Figure 89 .......... 26
Added Multiplexing Inputs Section, Figure 99, and Figure 100 .....30
Added Full Wave Rectifier Section, Figure 101, and Figure 102 ....31
Updated Outline Dimensions ....................................................... 32
Change to Ordering Guide............................................................ 34
2/2016—Rev. 0 to Rev. A
Added 8-Lead LFCSP.........................................................Universal
Changes to General Description Section .......................................1
Changes to Settling Time to 0.1% Parameter and Settling Time
to 0.01% Parameter, Table 1 .............................................................4
Changes to Table 5.............................................................................9
Added Pin Configurations and Function Descriptions Section,
Figure 2, Figure 3, Table 6, Figure 4, and Table 7; Renumbered
Sequentially ..................................................................................... 10
Changes to Figure 9........................................................................ 11
Changes to Input Characteristics Section ................................... 23
Changes to Recommended Power Solution Section ................. 25
Changes to Wideband Photodiode Preamplifier Section ......... 26
Change to Figure 85 ....................................................................... 26
Change to Figure 86 ....................................................................... 27
Updated Outline Dimensions....................................................... 29
Changes to Ordering Guide .......................................................... 30
10/2015—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com