Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM903 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM903
Description  Fluid Level Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM903 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM903 Datasheet HTML 1Page - National Semiconductor (TI) LM903 Datasheet HTML 2Page - National Semiconductor (TI) LM903 Datasheet HTML 3Page - National Semiconductor (TI) LM903 Datasheet HTML 4Page - National Semiconductor (TI) LM903 Datasheet HTML 5Page - National Semiconductor (TI) LM903 Datasheet HTML 6Page - National Semiconductor (TI) LM903 Datasheet HTML 7Page - National Semiconductor (TI) LM903 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Continued)
VCC e 12V CT e 33 mF RT e 75 kX TA within operating range except where stated otherwise
Tested Limits
Design Limits
Symbol
Parameter
Conditions
(Note 2)
(Note 3)
Units
Min
Max
Min
Typ
Max
V14
Auxiliary Output
Lamp OFF
50
V
Voltage
Lamp ON
12
V
V1
Alarm Level
(Difference Between First
230
280
330
mV
and Second Measurement)
Sensitivity to Electrostatic Discharge
Pins 7 10 13 and 14 will withstand greater than 1500V when tested using 100 pF and 1500X in accordance with National
Semiconductor standard ESD test procedures All other pins will withstand in excess of 2 kV
Note 1
Test circuit for overvoltage capability at pins 3 6 7
Note 2
Guaranteed 100% production tested at 25 C These limits are used to calculate outgoing quality levels
Note 3
Limits guaranteed to include parametric variations TA eb40 Cto a80 C and from VCC e 75V–18V These limits are not used to calculate AOQL
figures
Note 4
Variations over temperature range are not production tested
TLH5699 – 2
In Lamp ON condition I9 should be limited to 600 mA
Block and Application Circuit
TLH5699 – 3
Memory capacitor on pin 15 is set
HighLamp off
LowLamp on
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com