Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM70C98 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM70C98
Description  TRI-STATE Hex Inverters, Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM70C98 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM70C98 Datasheet HTML 1Page - National Semiconductor (TI) MM70C98 Datasheet HTML 2Page - National Semiconductor (TI) MM70C98 Datasheet HTML 3Page - National Semiconductor (TI) MM70C98 Datasheet HTML 4Page - National Semiconductor (TI) MM70C98 Datasheet HTML 5Page - National Semiconductor (TI) MM70C98 Datasheet HTML 6Page - National Semiconductor (TI) MM70C98 Datasheet HTML 7Page - National Semiconductor (TI) MM70C98 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5907
February 1988
MM70C95MM80C95 MM70C97MM80C97
TRI-STATE
Hex Buffers
MM70C96MM80C96 MM70C98MM80C98
TRI-STATE Hex Inverters
General Description
These gates are monolithic complementary MOS (CMOS)
integrated circuits constructed with N- and P-channel en-
hancement mode transistors The MM70C95MM80C95
and the MM70C97MM80C97 convert CMOS or TTL out-
puts to TRI-STATE outputs with no logic inversion the
MM70C96MM80C96 and the MM70C98MM80C98 pro-
vide the logical opposite of the input signal The MM70C95
MM80C95 and the MM70C96MM80C96 have common
TRI-STATE controls for all six devices The MM70C97
MM80C97 and the MM70C98MM80C98 have two TRI-
STATE controls one for two devices and one for the other
four devices Inputs are protected from damage due to stat-
ic discharge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
TTL compatible
Drive 1 TTL Load
Applications
Y
Bus drivers
Typical propagation delay
into 150 pF load is 40 ns
Connection Diagrams (Dual-In-Line Packages)
MM70C95MM80C95
TLF5907 – 1
Top View
Order Number MM70C95 or MM80C95
MM70C96MM80C96
TLF5907 – 2
Top View
Order Number MM70C96 or MM80C96
MM70C97MM80C97
TLF5907 – 3
Top View
Order Number MM70C97 or MM80C97
MM70C98MM80C98
TLF5907 – 4
Top View
Order Number MM70C98 or MM80C98
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM70C98

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM70 JAE-MM70 Datasheet
464Kb / 5P
MXM3.0 Compatible Connector
logo
Vaisala
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
logo
Japan Aviation Electron...
MM70-314-310B1-1 JAE-MM70-314-310B1-1 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
MM70-314-310B1-1 JAE-MM70-314-310B1-1 Datasheet
464Kb / 5P
MXM3.0 Compatible Connector
MM70-314-310B1-2 JAE-MM70-314-310B1-2 Datasheet
244Kb / 1P
TOP SIDE CONTACT - COPPER ALLOY
More results

Similar Description - MM70C98

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
Hex TRI-STATE Inverting Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
Hex TRI-STATE Buffers
logo
Fairchild Semiconductor
MM80C95 FAIRCHILD-MM80C95 Datasheet
83Kb / 7P
3-STATE Hex Buffers 3-STATE Hex Inverters
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
TRI-STATE Hex Buffers
DM8094 ETC1-DM8094 Datasheet
70Kb / 2P
TRI-STATE Hex Buffers
logo
National Semiconductor ...
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
HEX TRI-STATE INVERTING BUFFERS
logo
List of Unclassifed Man...
8T95 ETC1-8T95 Datasheet
228Kb / 4P
High Speed Hex 3-State Buffers/Inverters
logo
Texas Instruments
54LS368A TI1-54LS368A_11 Datasheet
387Kb / 8P
Hex TRI-STATE(RM) Inverting Buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com