Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1310 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1310
Description  1.5A Boost DC/DC Converter with Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 3 Page - Linear Technology

  LT1310 Datasheet HTML 1Page - Linear Technology LT1310 Datasheet HTML 2Page - Linear Technology LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1310
1310f
Feedback Voltage
TEMPERATURE (
°C)
–50
1.22
1.23
1.24
1.25
1.26
1.27
–25
025
50
1310 G01
75
100
TEMPERATURE (
°C)
–50
140
120
100
80
60
40
20
0
25
75
1310 G02
–25
0
50
100
TEMPERATURE (
°C)
–50
2.50
2.55
2.60
2.65
2.70
2.80
–25
025
50
1310 G03
75
100
2.75
Feedback Pin Current
Undervoltage Lockout
Oscillator Frequency
vs CT Capacitor
CAPACITOR (pF)
20
1000
3000
6000
40
60
LT1372 • G10
2000
5000
4000
80
100
PLL-LPF = HIGH
Oscillator Frequency
vs CT Capacitor
CAPACITOR (pF)
100
1200
1600
2000
900
1310 G05
800
400
0
300
500
700
1100
PLL-LPF = HIGH
Oscillator Frequency
vs Feedback Voltage
FEEDBACK (V)
0
800
1000
1400
0.6
1.0
1310 G06
600
400
0.2
0.4
0.8
1.2
1.4
200
0
1200
220pF CT CAPACITOR
Oscillator Frequency
220pF Capacitor on CT Pin
Maximum Duty Cycle
vs Oscillator Frequency
TEMPERATURE (
°C)
–50
1600
1400
1200
1000
800
600
400
200
25
75
1310 G07
–25
0
50
100
PLL-LPF = HIGH
Oscillator Frequency
47pF Capacitor on CT Pin
TEMPERATURE (
°C)
–50
2000
2300
2600
2900
3200
3800
–25
025
50
1310 G08
75
100
3500
PLL-LPF = HIGH
OSCILLATOR FREQENCY (kHz)
500 1000
50
70
100
1500
2500 3000
1310 G09
60
90
80
2000
3500 4000
100
°C
25
°C
–50
°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com