Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1684CD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX1684CD
Description  Voltage-Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1684CD Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX1684CD Datasheet HTML 2Page - Microsemi Corporation LX1684CD Datasheet HTML 3Page - Microsemi Corporation LX1684CD Datasheet HTML 4Page - Microsemi Corporation LX1684CD Datasheet HTML 5Page - Microsemi Corporation LX1684CD Datasheet HTML 6Page - Microsemi Corporation LX1684CD Datasheet HTML 7Page - Microsemi Corporation LX1684CD Datasheet HTML 8Page - Microsemi Corporation LX1684CD Datasheet HTML 9Page - Microsemi Corporation LX1684CD Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
 2000
Rev. 1.0, 2001-09-19
LX1684
Voltage-Mode PWM Controller
PRODUCTION
L I N F IN IT Y
D I V I S I O N
APPLI CATION I
APPLI CATION I
APPLI CATION I
APPLI CATION I N FO RM ATION
NF O R M A TION
NF O R M A TION
NF O R M A TION
OUTPUT INDUCTOR
The output inductor should be selected to meet the requirements
of the output voltage ripple in steady-state operation and the
inductor current slew-rate during transient. The peak-to-peak
output voltage ripple is:
RIPPLE
RIPPLE
I
ESR
V
×
=
where
()
IN
OUT
OUT
IN
RIPPLE
V
V
V
-
V
I
×
×
=
L
fSW
IRIPPLE is the inductor ripple current, L is the output inductor
value and ESR is the Effective Series Resistance of the output
capacitor.
IRIPPLE should typically be in the range of 20% to 40% of the
maximum output current. Higher inductance results in lower
output voltage ripple, allowing slightly higher ESR to satisfy the
transient specification. Higher inductance also slows the inductor
current slew rate in response to the load-current step change, ∆I,
resulting in more output-capacitor voltage droop. The inductor-
current rise and fall times are:
()
OUT
IN
V
V
−
∆
×
=
I
L
TRISE
and
OUT
V
I
L
TFALL
∆
×
=
When using electrolytic capacitors, the capacitor voltage droop
is usually negligible, due to the large capacitance.
OUTPUT CAPACITOR
The output capacitor is sized to meet ripple and transient
performance specifications. Effective Series Resistance (ESR) is a
critical parameter. When a step load current occurs, the output
voltage will have a step that equals the product of the ESR and the
current step, ∆I. In an advanced microprocessor power supply, the
output capacitor is usually selected for ESR instead of capacitance
or RMS current capability. A capacitor that satisfies the ESR
requirement usually has a larger capacitance and current capability
than strictly needed. The allowed ESR can be found by:
()
EX
V
I
ESR
<
∆
+
× RIPPLE
I
where IRIPPLE is the inductor ripple current, ∆I is the maximum
load current step change, and V
EX is the allowed output voltage
excursion in the transient.
OUTPUT CAPACITOR (continued)
Electrolytic capacitors can be used for the output capacitor, but
are less stable with age than tantalum capacitors. As they age, their
ESR degrades, reducing the system performance and increasing
the risk of failure. It is recommended that multiple parallel
capacitors be used, so that, as ESR increases with age, overall
performance will still meet the processor’s requirements.
There is frequently strong pressure to use the least expensive
components possible, however, this could lead to degraded long-
term reliability, especially in the case of filter capacitors.
Linfinity’s demonstration boards use Sanyo MV-GX filter
capacitors,
which
are
aluminum
electrolytic,
and
have
demonstrated reliability. The Oscon series from Sanyo generally
provides the very best performance in terms of long term ESR
stability and general reliability, but at a substantial cost penalty.
The MV-GX series provides excellent ESR performance at a
reasonable cost. Beware of off-brand, very low-cost filter
capacitors, which have been shown to degrade in both ESR and
general electrolytic characteristics over time.
INPUT CAPACITOR
The input capacitor and the input inductor are to filter the
pulsating current generated by the buck converter to reduce
interference to other circuits connected to the same 12V rail. In
addition, the input capacitor provides local de-coupling the buck
converter. The capacitor should be rated to handle the RMS
current requirement. The RMS current is:
)
1
(
d
d
I
I
L
RMS
−
=
where I
L is the inductor current and the d is the duty cycle. The
maximum value, when d = 50%, I
RMS = 0.5IL . For 12V input and
output in the range of 3V, the required RMS current is very close
to 0.43I
L.
SOFT-START CAPACITOR
The value of the soft-start capacitor determines how fast the
output voltage rises and how large the inductor current is required
to charge the output capacitor. The output voltage will follow the
voltage at SS pin if the required inductor current does not exceed
the maximum current in the inductor. The SS pin voltage can be
expressed as:
)
1
(
/
SS
SS
C
R
t
SET
SS
e
V
V
−
−
=
where V
SET is the reference voltage. RSS and CSS are soft start
resistor and capacitor. The required inductor current for the output
capacitor to follow the SS-pin voltage equals the required
capacitor current plus the load current. The soft-start capacitor
should be selected so that the overall inductor current does not
exceed its maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com