Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30F4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT30F4
Description  Negligible switching losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30F4 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT30F4 Datasheet HTML 1Page - STMicroelectronics BAT30F4 Datasheet HTML 2Page - STMicroelectronics BAT30F4 Datasheet HTML 3Page - STMicroelectronics BAT30F4 Datasheet HTML 4Page - STMicroelectronics BAT30F4 Datasheet HTML 5Page - STMicroelectronics BAT30F4 Datasheet HTML 6Page - STMicroelectronics BAT30F4 Datasheet HTML 7Page - STMicroelectronics BAT30F4 Datasheet HTML 8Page - STMicroelectronics BAT30F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
BAT30F4
2/10
DocID025780 Rev 5
1
Characteristics
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF
Continuous forward current
300
mA
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
4
A
PD
(1)
1.
On epoxy printed circuit board with minimum recommended footprint
Power dissipation
200
mW
Tstg
Storage temperature range
-55 to +150
°C
Top
Operating junction temperature range
-30 to +85
°C
Tj
Maximum junction temperature in DC forward mode
150
°C
TL
Maximum soldering temperature during 10 s
260
°C
Table 3. Thermal parameter
Symbol
Parameter
Value (typ.)
Unit
Rth(j-a)
Junction to ambient(1)
1.
On epoxy printed circuit board with minimum recommended footprint
450
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,  < 2%
Reverse leakage
current
Tj = 25 °C
VR = 10 V
-2.2
µA
Tj = 85 °C
-
300
Tj = 25 °C
VR = 30 V
-50
Tj = 85 °C
-
1600
VF
(2)
2.
Pulse test: tp = 380 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 5 mA
-0.285
V
Tj = 85 °C
-
0.205
Tj = 25 °C
IF = 10 mA
-
0.27
0.31
Tj = 85 °C
-
0.24
Tj = 25 °C
IF = 100 mA
-
0.39
0.44
Tj = 85 °C
-
0.40
Tj = 25 °C
IF = 300 mA
-0.55
0.625
Tj = 85 °C
-
0.64



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com