Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DE12TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2DE12TR
Description  MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DE12TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2DE12TR Datasheet HTML 15Page - STMicroelectronics LIS2DE12TR Datasheet HTML 16Page - STMicroelectronics LIS2DE12TR Datasheet HTML 17Page - STMicroelectronics LIS2DE12TR Datasheet HTML 18Page - STMicroelectronics LIS2DE12TR Datasheet HTML 19Page - STMicroelectronics LIS2DE12TR Datasheet HTML 20Page - STMicroelectronics LIS2DE12TR Datasheet HTML 21Page - STMicroelectronics LIS2DE12TR Datasheet HTML 22Page - STMicroelectronics LIS2DE12TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
DocID027326 Rev 2
19/51
LIS2DE12
Application hints
51
4
Application hints
Figure 5. LIS2DE12 electrical connections
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 μF aluminum) should
be placed as near as possible to pin 9 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 5). It is possible to remove Vdd while maintaining Vdd_IO
without blocking the communication bus, in this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I2C or SPI interfaces. When using the I2C, CS must be tied high.
The functions, the threshold and the timing of the two interrupt pins (INT1 and INT2) can be
completely programmed by the user through the I2C/SPI interface.
Vdd_IO
Digital signal from/to signal controller. Signal levels are defined by proper selection of Vdd_IO
10μF
Vdd
100nF
GND
SCL/SPC
SDA/SDI/SDO
CS
SDO/SA0
GND
Vdd_IO
4
1
6
5
GND
12
7
10
Vdd
100nF
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com