Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP33AB01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP33AB01
Description  Low power consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01 Datasheet(HTML) 1 Page - STMicroelectronics

  MP33AB01 Datasheet HTML 1Page - STMicroelectronics MP33AB01 Datasheet HTML 2Page - STMicroelectronics MP33AB01 Datasheet HTML 3Page - STMicroelectronics MP33AB01 Datasheet HTML 4Page - STMicroelectronics MP33AB01 Datasheet HTML 5Page - STMicroelectronics MP33AB01 Datasheet HTML 6Page - STMicroelectronics MP33AB01 Datasheet HTML 7Page - STMicroelectronics MP33AB01 Datasheet HTML 8Page - STMicroelectronics MP33AB01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2013
DocID24159 Rev 2
1/13
MP33AB01
MEMS audio surface-mount bottom-port silicon microphone with
analog output
Datasheet
- production data
Features
 Single supply voltage
 Low power consumption
 Omnidirectional sensitivity
 High signal-to-noise ratio
 High bandwidth
 Package compliant with reflow soldering
Description
The MP33AB01 is a compact, low-power
microphone built with a low-profile sensing
element.
The sensing element, capable of detecting
acoustic waves, is manufactured using a
specialized silicon micromachining process to
produce audio sensors.
The MP33AB01 has an acoustic overload point of
125 dBSPL with a 63 dB signal-to-noise ratio.
The MP33AB01 is available in a package
compliant with reflow soldering and is guaranteed
to operate over an extended temperature range
from -30 °C to +100 °C.
RHLGA 3.76 x 2.95 x 1.0 mm
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
MP33AB01
-30 to +100
RHLGA (3.76 x 2.95 x 1.0) mm
Tray
MP33AB01TR
-30 to +100
RHLGA (3.76 x 2.95 x 1.0) mm
Tape and reel
www.st.com


Similar Part No. - MP33AB01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
MP33AB01HTR STMICROELECTRONICS-MP33AB01HTR Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
More results

Similar Description - MP33AB01

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com