Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DT05 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MP34DT05
Description  MEMS audio sensor omnidirectional digital microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT05 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MP34DT05 Datasheet HTML 13Page - STMicroelectronics MP34DT05 Datasheet HTML 14Page - STMicroelectronics MP34DT05 Datasheet HTML 15Page - STMicroelectronics MP34DT05 Datasheet HTML 16Page - STMicroelectronics MP34DT05 Datasheet HTML 17Page - STMicroelectronics MP34DT05 Datasheet HTML 18Page - STMicroelectronics MP34DT05 Datasheet HTML 19Page - STMicroelectronics MP34DT05 Datasheet HTML 20Page - STMicroelectronics MP34DT05 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP34DT05
Package information
DocID029902 Rev 1
17/21
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
Soldering information
The HCLGA (3 x 4) 4LD package is also compliant with the RoHS and “Green” standards
and is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
Figure 10: Recommended soldering profile limits
Table 8: Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
Maximum temperature
Time (TSMIN to TSMAX)
TSMIN
TSMAX
tS
150 °C
200 °C
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquids temperature
Liquids temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
RAMP-DOWN
RAMP-UP
t
s
PREHEAT
t
L
t
p
T
L to T P
T
SMAX
T
SMIN
T
P
T
L
30 60 90
120 150 180
210
240
270
300
330
360 390
T25° to PEAK
CRITICAL ZONE
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com