Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP45DT02TR-M Datasheet(PDF) 14 Page - STMicroelectronics

Part # MP45DT02TR-M
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP45DT02TR-M Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MP45DT02TR-M Datasheet HTML 8Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 9Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 10Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 11Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 12Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 13Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 14Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 15Page - STMicroelectronics MP45DT02TR-M Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
MP45DT02-M
14/16
DocID029435 Rev 1
7.2
HLGA (4.72 x 3.76 mm) 6L (metal) package information
Figure 7: HLGA (4.72 x 3.76 mm) 6-lead package outline and mechanical data
Note: The MEMS microphone metal cap can exhibit some level of variation in color when
the device is subjected to a thermal process.
Dimensions are in millimeter unless othe rwise specified
General Tolerance is +/-0.15mm unless otherwise spe cified
OUTER DIMENSIONS
ITEM
DIMENSION [mm ]
TOL ERANCE [mm ]
1
.
0
±
2
7
.
4
]
L
[
h
t
g
n
e
L
1
.
0
±
6
7
.
3
]
W
[
h
t
d
i
W
1
.
0
±
5
2
.
1
]
H
[
t
h
g
i
e
H
8499123_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com