Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2SD032 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2SD032
Description  Schottky Barrier Diodes (SBD) Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SD032 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2SD032 Datasheet HTML 1Page - Panasonic Semiconductor MA2SD032 Datasheet HTML 2Page - Panasonic Semiconductor MA2SD032 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MA2SD32
SKH00132AED
IF  VF
IR  VR
Ct  VR
10−3
0
0.1
0.2
0.3
0.4
0.5
0.6
10−2
10−1
1
10
102
103
Forward voltage V
F (V)
Ta
= 125°C
25
°C
−25°C
75
°C
10−3
10−2
0
5
10
25
20
15
30
1
103
10
102
Reverse voltage V
R (V)
Ta
= 125°C
25
°C
75
°C
1
10
5
25
20
15
0
5
10
15
20
25
30
Reverse voltage V
R (V)
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com