Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS-350 Datasheet(PDF) 1 Page - Total Power International

Part # TPS-350
Description  TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS-350 Datasheet(HTML) 1 Page - Total Power International

  TPS-350 Datasheet HTML 1Page - Total Power International TPS-350 Datasheet HTML 2Page - Total Power International TPS-350 Datasheet HTML 3Page - Total Power International TPS-350 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PPS350
SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
KEY FEATURES
*Universal input/ Built-in EMI filter
*Optional remote sense on main output
*Optional constant current charger
*Optional Power Good signal/ AC fail signal
*Optional remote On/ Off signal/ Optional cover
*Optional±12VDC/±24VDC/±48VDC input
*Optional constant current change (for single output)
APPLICATIONS
*Telecommunications/ Medical instruments
*Computer peripherals/ Business machines
*Test, Burn-In & industrial equipments
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, auto ranging
*Frequency------------47~63Hz
*Inrush current--------45A typical,. Cold start @25℃,115VAC
*Efficiency------------65%~85% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power---- 350W with 30 CFM forced air
(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5% per inquiry)
350W
200W
150W
175W
100W
Power Derating Curve
30 CFM Forced Air Cooling
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts) 100W
50W
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE,EN 61000-3-2 (Class A)(Optional) and –3;
EN 61000-4-2,-3,-4,-5,-6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 6 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A) (COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER, INC. TEL:877-646-0900 FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-1-
TOTAL POWER INT.
TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY


Similar Part No. - TPS-350

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TPS-35 COOPER-TPS-35 Datasheet
41Kb / 2P
Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-35 COOPER-TPS-35 Datasheet
492Kb / 3P
DC power distribution non-indicating fuses
logo
Eaton All Rights Reserv...
TPS-35 EATON-TPS-35 Datasheet
865Kb / 4P
TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
TPS-35L COOPER-TPS-35L Datasheet
41Kb / 2P
Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-35L COOPER-TPS-35L Datasheet
492Kb / 3P
DC power distribution non-indicating fuses
More results

Similar Description - TPS-350

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
logo
Mean Well Enterprises C...
S-350 MEANWELL-S-350 Datasheet
233Kb / 2P
350W Single Output Switching Power Supply
NES-350 MEANWELL-NES-350 Datasheet
279Kb / 2P
350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350 Datasheet
281Kb / 2P
350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350_12 Datasheet
281Kb / 2P
350W Single Output Switching Power Supply
NES-350 MEANWELL-NES-350_12 Datasheet
281Kb / 2P
350W Single Output Switching Power Supply
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
350W Single Output Switching Power Supply
logo
Total Power Internation...
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com