Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments AFE5808A Datasheet HTML 22Page - Texas Instruments AFE5808A Datasheet HTML 23Page - Texas Instruments AFE5808A Datasheet HTML 24Page - Texas Instruments AFE5808A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
0
10
20
30
40
50
60
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
0.4
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Phase Noise
Frequency Offset (Hz)
PN 1 Ch
PN 8 Ch
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Eight Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Single Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
−40
−35
−30
−25
−20
−15
−10
−5
0
5
10
100
500
HPF CHARACTERISTICS (LNA+VCA+PGA+ADC)
Frequency (KHz)
AFE5808A
www.ti.com
SLOS729D – OCTOBER 2011 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
at AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, ac-coupled with 0.1-µF caps at INP and 15-nF caps
at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 bit, sample rate = 65 MSPS, LPF
filter = 15 MHz, low-noise mode, VOUT = –1 dBFS, 500-Ω CW feedback resistor, CMOS 16X clock, ADC configured in
internal-reference mode, single-ended VCNTL mode, VCNTLM = GND, and ambient temperature TA = 25°C (unless
otherwise noted)
fIN = 2 MHz
Figure 14. Full Channel High-Pass Filter Response at
Figure 15. CW Phase Noise
Default Register Setting
fIN = 2 MHz
fIN = 2 MHz
Figure 16. CW Phase Noise, 1 Channel vs 8 Channel
Figure 17. CW Phase Noise vs Clock Modes
Figure 18. Input Referred Noise (IRN) and Low-Noise Mode
Figure 19. IRN and Low-Noise Mode Enlarged Version
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com