Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA210 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 2 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437J – MAY 2008 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configurations and Functions ....................... 5
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 7
6.5
Electrical Characteristics........................................... 8
6.6
Typical Characteristics ............................................ 10
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 22
8.1
Application Information............................................ 22
8.2
Typical Applications ................................................ 22
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Documentation Support ........................................ 27
11.2
Related Links ........................................................ 27
11.3
Receiving Notification of Documentation Updates 27
11.4
Community Resources.......................................... 27
11.5
Trademarks ........................................................... 27
11.6
Electrostatic Discharge Caution ............................ 27
11.7
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (September 2016) to Revision J
Page
•
Added 2017 copyright to front page graphic ......................................................................................................................... 1
•
Deleted Device Options table ................................................................................................................................................ 5
•
Added Common-mode analog inputs (Versions B and C) to Absolute Maximum Ratings table ........................................... 6
•
Changed HBM ESD value (Version A) from 4000 to 2000 V in ESD Ratings table ............................................................. 6
•
Changed formatting of Thermal Information table note.......................................................................................................... 7
•
Deleted static literature number from document reference in Related Documentation section .......................................... 27
Changes from Revision H (June 2016) to Revision I
Page
•
Deleted all notes regarding preview devices throughout data sheet; all devices now active................................................. 1
Changes from Revision G (July 2014) to Revision H
Page
•
Changed Features section: deleted last bullet, changed packages bullet ............................................................................ 1
•
Deleted last Applications bullet .............................................................................................................................................. 1
•
Changed Description section.................................................................................................................................................. 1
•
Changed Device Information table ........................................................................................................................................ 1
•
Moved storage temperature to Absolute Maximum Ratings table ........................................................................................ 6
•
Changed ESD Ratings table: changed title, changed format to current standards ............................................................... 6
•
Deleted both Machine Model rows from ESD Ratings table ................................................................................................. 6
•
Changed first sentence referencing Equation 1 in Input Filtering section: replaced seen with measured .......................... 16
•
Changed second sentence referencing Equation 1 in Input Filtering section ..................................................................... 17
•
Corrected punctuation and added clarity to first and second paragraphs in Shutting Down the INA21x Series section .... 18
•
Changed impressed to present in fourth paragraph of Shutting Down the INA21x Series section ..................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com