Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007BM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF007BM
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007BM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF007BM Datasheet HTML 8Page - Micrel Semiconductor MICRF007BM Datasheet HTML 9Page - Micrel Semiconductor MICRF007BM Datasheet HTML 10Page - Micrel Semiconductor MICRF007BM Datasheet HTML 11Page - Micrel Semiconductor MICRF007BM Datasheet HTML 12Page - Micrel Semiconductor MICRF007BM Datasheet HTML 13Page - Micrel Semiconductor MICRF007BM Datasheet HTML 14Page - Micrel Semiconductor MICRF007BM Datasheet HTML 15Page - Micrel Semiconductor MICRF007BM Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
December 2000
13
MICRF007
MICRF007
Micrel
(6)
∆t 1.333C
0.44
AGC
=−
where:
C
AGC is in µF, and ∆t is in seconds.
Selecting C
AGC Capacitor in Duty-Cycle Mode
Generally, droop of the AGC control voltage during shutdown
should be replenished as quickly as possible after the IC is
“turned-on”. As described in the functional description, for
about 10ms after the IC is turned on, the AGC push-pull
currents are increased to 45 times their normal values.
Consideration should be given to selecting a value for C
AGC
and a shutdown time period such that the droop can be
replenished within this 10ms period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down. Worst-case from a recovery stand-
point is downward droop, since the AGC pullup current is
1/10th magnitude of the pulldown current. The downward
droop is replenished according to the Equation 7:
(7)
I
C
V
t
AGC
= ∆
∆
where:
I = AGC pullup current for the initial 10ms (67.5
µA)
C
AGC = AGC capacitor value
∆t = droop recovery time
∆V = droop voltage
For example, if user desires
∆t = 10ms and chooses a 4.7µF
C
AGC, then the allowable droop is about 144mV. Using the
same equation with 200nA worst case pin leakage and
assuming 1
µA of capacitor leakage in the same direction, the
maximum allowable
∆t (shutdown time) is about 0.56s for
droop recovery in 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com