Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C925 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C925
Description  4-Digit Counters with Multiplexed 7-Segment Output Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C925 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C925 Datasheet HTML 1Page - National Semiconductor (TI) MM74C925 Datasheet HTML 2Page - National Semiconductor (TI) MM74C925 Datasheet HTML 3Page - National Semiconductor (TI) MM74C925 Datasheet HTML 4Page - National Semiconductor (TI) MM74C925 Datasheet HTML 5Page - National Semiconductor (TI) MM74C925 Datasheet HTML 6Page - National Semiconductor (TI) MM74C925 Datasheet HTML 7Page - National Semiconductor (TI) MM74C925 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Output Pin
GND b 03V to VCC a 03V
Voltage at Any Input Pin
GND b 03V to a15V
Operating Temperature
Range (TA)
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Refer to PD(MAX) vs TA Graph
Operating VCC Range
3V to 6V
VCC
65V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply at b40 C s Tj s a85 C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V IO eb10 mA
(Carry-Out and Digit Output
45
V
Only)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V IO e 10 mA
05
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 5V VIN e 15V
0005
1
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 5V VIN e 0V
b
1
b
0005
m
A
ICC
Supply Current
VCC e 5V Outputs Open Circuit
20
1000
m
A
VIN e 0V or 5V
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 475V
VCC b 2V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 475V
(Carry-Out and Digit
IO eb360 mA
24
V
Output Only)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 475V IO e 360 mA
04
V
OUTPUT DRIVE
VOUT
Output Voltage (Segment
IOUT eb65 mA VCC e 5V Tj e 25 CVCC b 2VCC b 13
V
Sourcing Output)
IOUT eb40 mA VCC e 5V
Tj e 100 CVCC b 16 VCC b 12
V
Tj e 150 CVCC b 2VCC b 14
V
RON
Output Resistance (Segment
IOUT eb65 mA VCC e 5V Tj e 25 C20
32
X
Sourcing Output)
IOUT eb40 mA VCC e 5V
Tj e 100 C30
40
X
Tj e 150 C35
50
X
Output Resistance (Segment
06
08
% C
Output) Temperature Coefficient
ISOURCE Output Source Current
VCC e 475V VOUT e 175V Tj e 150 C
b
1
b
2mA
(Digit Output)
ISOURCE Output Source Current
VCC e 5V VOUT e 0V Tj e 25 C
b
175
b
33
mA
(Carry-Out)
ISINK
Output Sink Current
VCC e 5V VOUT e VCC Tj e 25 C
175
36
mA
(All Outputs)
ijA
Thermal Resistance
MM74C925
(Note 4)
75
100
CW
MM74C926 MM74C927 MM74C928
70
90
CW
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
Note 4 ijA measured in free-air with device soldered into printed circuit board
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com