Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1069 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1069
Description  Sync Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1069 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1069 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1069 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUMI
Sync Detector MM1069
Pin Description
Pin no.
Pin name
Internal equivalent circuit diagram Pin no.
Pin name
Internal equivalent circuit diagram
1
CR
6
VIDEO IN
2
GAIN
7
OSC IN1
3
SYNC.DET
8
OSC IN2
10
VCC
4
GND
5
OSC OUT
9
LPF
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
7
V
Allowable loss
Pd
500
mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com