Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV70235DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70235DBVT
Description  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70235DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV70235DBVT Datasheet HTML 12Page - Texas Instruments TLV70235DBVT Datasheet HTML 13Page - Texas Instruments TLV70235DBVT Datasheet HTML 14Page - Texas Instruments TLV70235DBVT Datasheet HTML 15Page - Texas Instruments TLV70235DBVT Datasheet HTML 16Page - Texas Instruments TLV70235DBVT Datasheet HTML 17Page - Texas Instruments TLV70235DBVT Datasheet HTML 18Page - Texas Instruments TLV70235DBVT Datasheet HTML 19Page - Texas Instruments TLV70235DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
COUT
VOUT
VIN
GND PLANE
CIN
Represents via used for
application specific connections
IN
GND
OUT
NC
EN
NC
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
Layout Examples (continued)
Figure 29. Layout Example for the DSE Package
10.3 Thermal Consideration
Thermal protection disables the output when the junction temperature rises to approximately 165°C, allowing the
device to cool. When the junction temperature cools to approximately 145°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to 125°C maximum.
To estimate the margin of safety in a complete design (including heatsink), increase the ambient temperature
until the thermal protection is triggered; use worst-case loads and signal conditions.
The internal protection circuitry of the TLV702 has been designed to protect against overload conditions. It was
not intended to replace proper heatsinking. Continuously running the TLV702 into thermal shutdown degrades
device reliability.
10.4 Package Mounting
Solder pad footprint recommendations for the TLV702 are available from the TI website at www.ti.com. The
recommended land pattern for the DBV and DSE packages are shown in Figure 28 and Figure 29, respectively.
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com