Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58348 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58348
Description  MM58348 High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58348 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58348 Datasheet HTML 1Page - National Semiconductor (TI) MM58348 Datasheet HTML 2Page - National Semiconductor (TI) MM58348 Datasheet HTML 3Page - National Semiconductor (TI) MM58348 Datasheet HTML 4Page - National Semiconductor (TI) MM58348 Datasheet HTML 5Page - National Semiconductor (TI) MM58348 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
VDD a 03V to VSS b 03V
Voltage at Any Display Pin
VDD to VDD b 365V
VDD a
lVDISl
365V
Storage Temperature
b
65 Cto a 150 C
Power Dissipation at 25 C
Molded DIP Package Board Mount
228W
Molded DIP Package Socket Mount
205W
Molded DIP Package Board Mount
iJA e 46 CW
Derate 217 mW C Above 25 C
Molded DIP Package Socket Mount
iJA e 51 CW
Derate 196 mW C Above 25 C
Junction Temperature
130 C
Lead Temperature
(Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS e 0V
45
55
V
Display Voltage (VDIS)
b
30
b
10
V
Temperature Range
b
40
a
85
C
DC Electrical Characteristics
TA eb40 Cto a85 C VDD e 5V g05V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Currents
VIN e VSS or VDD VDD e 55V
150
m
A
VSS e 0V VDIS Disconnected
IDIS
VDD e 55V VSS e 0V
10
mA
VDIS eb30V All Outputs Low
VIL
Input Logic Levels
08
V
DATA IN CLOCK
Logic ‘0’
VIH
Logic ‘1’
24
V
IIN
Input Currents DATA IN CLOCK
VIN e 0V or VDD
b
10
10
m
A
CIN
Input Capacitance DATA IN CLOCK
15
pF
ROFF
Display Output Impedances
VDD e 55V VSS e 0V
Output Off
(Figure 3a)
VDIS eb10V
55
250
kX
VDIS eb20V
60
300
kX
VDIS eb30V
65
400
kX
RON
Output On
(Figure 3b)
VDIS eb10V
700
800
X
VDIS eb20V
600
750
X
VDIS eb30V
500
680
X
VDOL
Display Output Low Voltage
VDD e 55V IOUT e Open Circuit
VDIS
VDIS a 2V
b
30V s VDIS s b10V
Note 1
74LSTTL VOH e 27V
IOUT eb400 mA TTL VOH e 24V
IOUT eb400 mA
AC Electrical Characteristic TA eb40 Cto a85 C VDD e 5V g05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Input Frequency
(
Notes 2 and 3 )
10
MHz
tH
Clock Input High Time
300
ns
tL
Clock Input Low Time
300
ns
tDS
Data Input Set-Up Time
100
ns
tDH
Data Input Hold Time
100
ns
Note 2
AC input waveform specification for test purpose tr s 20 ns tf s 20 ns f e 1 MHz 50% g10% duty cycle
Note 3
Clock input rise and fall times must not exceed 5 ms
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com