Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5484V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5484V
Description  MM5484 16-Segment LED Display Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5484V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5484V Datasheet HTML 1Page - National Semiconductor (TI) MM5484V Datasheet HTML 2Page - National Semiconductor (TI) MM5484V Datasheet HTML 3Page - National Semiconductor (TI) MM5484V Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at LED Outputs
VSS b 05V to VSS a 12V
Voltage at Other Pins
VSS b 05V to VSS a 10V
Operating Temperature
b
40 Cto a85 C
Storage Temperature
b
40 Cto a150 C
Power Dissipation at 25 C
Molded DIP Package board mount
2W
Molded DIP Package socket mount
18W
Molded DIP Package board mount
iJA e 63 CW
derate 158m W C above 25 C
Molded DIP Package socket mount
iJA e 69 CW
derate 145m W C above 25 C
Lead Temperature (Soldering 10 sec)
300 C
DC Electrical Characteristics VDD e 45V to 9V TA eb40 Cto a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
45
9
V
Supply Current
5
10
mA
Logic One
Input High Level VIH
24
VDD a 05
V
Logic Zero
Input Low Level VIL
0
08
V
Input Current
High or Low Level
g
1
m
A
Input Capacitance
75
pF
OUTPUTS
Data Output Voltage
High Level VOH
IOUT e 01 mA
VDD b 05
V
Low Level VOL
IOUT eb01 mA
05
V
Segment Off
VOUT e 12V
50
m
A
(Logic Zero on Input)
REXT e 400X
Output Current Segment On
(Logic One on Input)
IOUT e 15 mA
05
10
V
Output Voltage
VDD t 6V
AC Electrical Characteristics
(See
Figure 3 ) VDD e 45V to 9V TA eb40 Cto a85 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Frequency
05
MHz
th
High Time
095
m
s
tl
Low Time
095
m
s
tS1
Data Setup Time
05
m
s
tH1
Data Hold Time
05
m
s
tS2
Enable Setup Time
05
m
s
tH2
Enable Hold Time
05
m
s
tpd
Data Out Delay
05
m
s
Note 1
Under no condition should the power dissipated by the segment driver exceed 50 mW nor the entire chip power dissipation exceed 500 mW
Note 2
AC input waveform specification for test purpose tr s 20 ns tf s 20 ns f e 500 kHz 50% g10% duty cycle
Note 3
Clock input rise and fall times must not exceed 500 ns
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com