Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL1208AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL1208AT
Description  Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL1208AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL1208AT Datasheet HTML 1Page - Vishay Siliconix IL1208AT Datasheet HTML 2Page - Vishay Siliconix IL1208AT Datasheet HTML 3Page - Vishay Siliconix IL1208AT Datasheet HTML 4Page - Vishay Siliconix IL1208AT Datasheet HTML 5Page - Vishay Siliconix IL1208AT Datasheet HTML 6Page - Vishay Siliconix IL1208AT Datasheet HTML 7Page - Vishay Siliconix IL1208AT Datasheet HTML 8Page - Vishay Siliconix IL1208AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83549
304
Rev. 1.7, 08-May-08
IL1205AT/1206AT/1207AT/1208AT
Vishay Semiconductors Optocoupler, Phototransistor Output,
with Base Connection in SOIC-8
Package, 110 °C Rated
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 4 - Diode Forward Voltage VF vs. Forward Current
Fig. 5 - IC (Unsaturated) vs. VCE
Fig. 6 - Collector to Emitter Current vs. Ambient Temperature
Fig. 7 - IC (Saturated) vs. VCE
Fig. 8 - CTR Normalized to IF = 10 mA vs. Ambient Temperature,
(Saturated, VCE = 0.4 V)
Fig. 9 - CTR Normalized to IF = 10 mA vs. Ambient Temperature,
(Non-Saturated, VCE = 5 V)
0.1
1.0
10.0
100.0
IF (mA)
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 55 °C
0 °C
+ 25 °C + 50 °C
+ 110 °C
0
5
10
15
20
25
30
35
40
45
50
01234
567
8
910
VCE (V)
IF = 5 mA
IF = 10 mA
IF = 15 mA
IF = 20 mA
IF = 30 mA
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100000
40 V
24 V
12 V
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
VCE (V)
IF = 1 mA IF = 2 mA
IF = 5 mA
IF = 10 mA
IF = 25 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
Normalized to I = 10 mA
Tamb = 25 °C
F
IF = 5 mA
IF = 10 mA
IF = 1 mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
- 55 - 40 - 25 - 10
20 35 50 65 80 95 110 125
Tamb (°C)
5
Normalized to I = 10 mA
Tamb = 25 °C
F
IF = 1 mA
IF = 5 mA
IF = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com