Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58348V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58348V
Description  MM58348 High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58348V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM58348V Datasheet HTML 1Page - National Semiconductor (TI) MM58348V Datasheet HTML 2Page - National Semiconductor (TI) MM58348V Datasheet HTML 3Page - National Semiconductor (TI) MM58348V Datasheet HTML 4Page - National Semiconductor (TI) MM58348V Datasheet HTML 5Page - National Semiconductor (TI) MM58348V Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Connection Diagrams
Dual-In-Line Package
TLF5601 – 2
Top View
FIGURE 2
Order Number MM58348N
See NS Package Number N40A
Plastic Chip Carrier
TLF5601 – 8
Top View
Order Number MM58348V
See NS Package Number V44A
Functional Description
This product is specifically designed to drive multiplexed or
non-multiplexed high voltage alphanumeric or dot matrix
vacuum fluorescent (VF) displays Character generation is
done externally in the microprocessor with a serial data
path to the display driver The MM58348 uses two signals
DATA IN and CLOCK with a format of a leading ‘‘1’’ fol-
lowed by the 35 data bits hence allowing data transfer with-
out an additional signal A block diagram of the MM58348 is
shown in
Figure 1
Figure 2 shows the pinout of the MM58348 device where
output 1 (pin 18) is equivalent to bit 1 (ie the first bit of
data to be loaded into the shift register following the start
bit) A logic ‘‘1’’ at the input will turn on the corresponding
display digitsegmentdot output
A significant reduction in discrete board components can be
achieved by use of the MM58348 because external pull-
down resistors are not required Due to the nature of the
output stage both its on and off impedance values vary as a
function of the display voltage applied However
Figure 3a
and
3b show that this output impedance will remain con-
stant for a fixed value of display voltage
TLF5601 – 3
FIGURE 3a Output Impedance Off
TLF5601 – 4
FIGURE 3b Output Impedance On
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com