Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN101C38C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C38C
Description  Timer Counter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C38C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C38C Datasheet HTML 1Page - Panasonic Semiconductor MN101C38C Datasheet HTML 2Page - Panasonic Semiconductor MN101C38C Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MN101C38A , MN101C38C
Electrical Characteristics
Supply current
Limit
Symbol
Condition
min
typ
max
Unit
Parameter
IDD1
fosc = 8 MHz, VDD = 5 V
10
25
mA
IDD2
fx = 32 kHz, VDD = 3 V
30
100
µA
IDD3
fx = 32 kHz, VDD = 3 V, Ta = 25
°C8
µA
IDD4
fx = 32 kHz, VDD = 3 V, Ta =
−40°C to +85°C24
µA
IDD5
VDD = 5 V, Ta = 25
°C1
µA
VDD = 5 V, Ta =
−40°C to +85°C20
µA
Operating supply current
Supply current at HALT
Supply current at STOP
Pin Assignment
QFP100-P-1818B *Lead-free
LQFP100-P-1414 *Lead-free
LED4,SEG50,A17,P54
LED3,SEG51,A16,P53
LED2,CS,P52
LED1,RE,P51
LED0,WE,P50
P32
P31
P30
IRQ4,P24
IRQ3,P23
IRQ2,P22
SENS,IRQ1,P21
IRQ0,P20
TM4IO,P14
TM3IO,P13
TM2IO,P12
P11
RMOUT,P10
NRST,P27
NDK,BUZZER,P06
SBT1,P05
SBI1,P04
SBO1,P03
SBT0,P02
RXD,SBI0,P01
SEG24
SEG23
SEG22
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
MN101C38A
MN101C38C
Type
MN101CP38C
ROM (
× 8-bit)
48 K
RAM (
× 8-bit)
2 K
Minimum instruction execution time
0.1
µs (at 4.5 V to 5.5 V, 20 MHz)
0.25
µs (at 2.7 V to 5.5 V, 8 MHz)
125
µs (at 2.3 V to 5.5 V, 32 kHz)
Package
QFP100-P-1818B *Lead-free, LQFP100-P-1414 *Lead-free
Support Tool
EPROM Built-in Type
In-circuit Emulator
PX-ICE101C / D + PX-PRB101C38-QFP100-P-1818B
PX-ICE101C / D + PX-PRB101C38-LQFP100-P-1414
MAD00018DEM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com