Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLV412-0010 Datasheet(PDF) 4 Page - SICK AG

Part # CLV412-0010
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV412-0010 Datasheet(HTML) 4 Page - SICK AG

  CLV412-0010 Datasheet HTML 1Page - SICK AG CLV412-0010 Datasheet HTML 2Page - SICK AG CLV412-0010 Datasheet HTML 3Page - SICK AG CLV412-0010 Datasheet HTML 4Page - SICK AG CLV412-0010 Datasheet HTML 5Page - SICK AG CLV412-0010 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV412-0010 | CLV41x
BAR CODE SCANNERS
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2016-03-11 19:18:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
CLV41x/42x front
Reading field diagram
0
0
10
(0.39)
–10
(–0.39)
–20
(–0.79)
–30
(–1.18)
–40
(–1.57)
–50
(–1.97)
20
(0.79)
30
(1.18)
40
(1.57)
50
(1.97)
20
(0.79)
40
(1.57)
60
(2.36)
80
(3.15)
100
(3.94)
Reading distance in mm (inch)
a
b
c
Reading field height in mm (inch)
Resolution
a: 0.1 mm (3.9 mil)
c: 0.2 mm (7.9 mil)
b: 0.15 mm (5.9 mil)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com