Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7533CD Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7533CD
Description  15 V CMOS Multiplying10-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7533CD Datasheet(HTML) 2 Page - Exar Corporation

  MP7533CD Datasheet HTML 1Page - Exar Corporation MP7533CD Datasheet HTML 2Page - Exar Corporation MP7533CD Datasheet HTML 3Page - Exar Corporation MP7533CD Datasheet HTML 4Page - Exar Corporation MP7533CD Datasheet HTML 5Page - Exar Corporation MP7533CD Datasheet HTML 6Page - Exar Corporation MP7533CD Datasheet HTML 7Page - Exar Corporation MP7533CD Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP7533
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7533AD
Ceramic Dip
MP7533BD
Ceramic Dip
MP7533CD
Ceramic Dip
MP7533SD*
Ceramic Dip
MP7533TD*
Ceramic Dip
MP7533UD*
Plastic Dip
MP7533JN
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
–55 to +125
°C
–55 to +125
°C
Plastic Dip
MP7533KN
Plastic Dip
MP7533LN
SOIC
MP7533JS
SOIC
MP7533KS
SOIC
MP7533LS
+2
+1
+1/2
+2
+1
+1/2
+2
+1
+1/2
+2
+1
+1/2
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
1.5
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
+1
+1
+1
+1
+1
+1
+1
+1
+1
+1
+1
+1
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 10 (LSB)
BIT 9
BIT 8
BIT 7
BIT 6
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16 Pin CDIP, PDIP (0.300”)
D16, N16
IOUT1
IOUT2
RFB
VREF
VDD
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
16 Pin SOIC (Jedec, 0.300”)
S16
See
Pin Out
at Left
See Packaging Section for Package Dimensions
PIN OUT DEFINITIONS
PIN NO.
NAME
DESCRIPTION
1IOUT1
Current Output 1
2IOUT2
Current Output 2
3
GND
Ground
4
BIT 1
Data Input Bit 1 (MSB)
5
BIT 2
Data Input Bit 2
6
BIT 3
Data Input Bit 3
7
BIT 4
Data Input Bit 4
8
BIT 5
Data Input Bit 5
PIN NO.
NAME
DESCRIPTION
9
BIT 6
Data Input Bit 6
10
BIT 7
Data Input Bit 7
11
BIT 8
Data Input Bit 8
12
BIT 9
Data Input Bit 9
13
BIT 10
Data Input Bit 10 (LSB)
14
VDD
Positive Power Supply
15
VREF
Reference Input Voltage
16
RFB
Internal Feedback Resistor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com