Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMTLP Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # LMTLP
Description  CABLE ASSEMBLIES/MOUNTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LMTLP Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  LMTLP Datasheet HTML 1Page - Pulse A Technitrol Company LMTLP Datasheet HTML 2Page - Pulse A Technitrol Company LMTLP Datasheet HTML 3Page - Pulse A Technitrol Company LMTLP Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
38
www.pulseelectronics.com/products/antennas
CABLE ASSEMBLIES/MOUNTS
All Larsen NMOHF (high frequency 27 MHz to 6 GHz) mounts convert
from low frequency applications to high frequency applications and
back by pulling or replacing the center pin and insulator.
NMO HigH frequeNcy MagNetic MOuNts
NMOHF round magnetic mounts have the following specifications:
Size:
3.5” Diameter
Cable Length:
12’
Pull Strength:
80 lbs
Model
coax
connector
NMOMMRNOCONN
CX (RG-58A/U)
No Conn
NM0MMR
CX (RG-58A/U)
58FCP
NMOMMRFME
CX (RG-58A/U)
FME Crimp
NMOMMRPL
CX (RG-58A/U)
PL-259
NMOMMRMPL
CX (RG-58A/U)
MPL Crimp
NMOMMRTNC
CX (RG-58A/U)
TNC Crimp
NMOMMRBNC
CX (RG-58A/U)
BNC Crimp
NMOMMRN
CX (RG-58A/U)
N Crimp
NMOMMRDS
DS (RG-58A/U Dual Shield)
No Conn
NMOMMRDSFME
DS (RG-58A/U Dual Shield)
FME
NMOMMRDSMPL
DS (RG-58A/U Dual Shield)
MPL Crimp
NMOMMRDSN
DS (RG-58A/U Dual Shield)
N Crimp
NMOMMRDSSMA
DS (RG-58A/U Dual Shield)
SMA
NMOMMRDSSMAR/P
DS (RG-58A/U Dual Shield)
SMARP
NMOMMRDSPL
DS (RG-58A/U Dual Shield)
PL-259T
NMOMMRDSTNC
DS (RG-58A/U Dual Shield)
TNC
NMOMMT200NOCONN
LMR200
No Conn
NMOMMR200SMA
LMR200
SMA
NMOMMR200N
LMR200
N
NMO 3/8” tHick MOuNts
NMO3/8” mounts have the following specifications:
Mounting:
3/4” hole
Mounting Surface: 0.15” to 0.22” thickness
Cable Length:
17’
Model
coax
connector
NMOKCX38THK
CX (RG-58A/U)
No Conn
NMOKUD38THK
DS (RG-58A/U Dual Shield)
No Conn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com