Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32508 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32508
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32508 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32508 Datasheet HTML 2Page - Vishay Siliconix SIP32508 Datasheet HTML 3Page - Vishay Siliconix SIP32508 Datasheet HTML 4Page - Vishay Siliconix SIP32508 Datasheet HTML 5Page - Vishay Siliconix SIP32508 Datasheet HTML 6Page - Vishay Siliconix SIP32508 Datasheet HTML 7Page - Vishay Siliconix SIP32508 Datasheet HTML 8Page - Vishay Siliconix SIP32508 Datasheet HTML 9Page - Vishay Siliconix SIP32508 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SiP32508, SiP32509
www.vishay.com
Vishay Siliconix
S16-0319-Rev. B, 29-Feb-16
9
Document Number: 62754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to
about 367 mW.
So long as the load current is below the 3 A limit, the
maximum continuous switch current becomes a function of
two things: the package power dissipation and the RDS(on) at
the ambient temperature.
As an example let us calculate the worst case maximum
load current at TA = 70 °C. The worst case RDS(on) at 25 °C
occurs at an input voltage of 1.2 V and is equal to 55 m
.
The RDS(on) at 70 °C can be extrapolated from this data using
the following formula:
RDS(on) (at 70 °C) = RDS(on) (at 25 °C) x (1 + TC x DT)
Where TC is 3570 ppm/°C. Continuing with the calculation
we have
RDS(on) (at 70 °C) = 52 m x (1 + 0.00357 x (70 °C - 25 °C)) =
60 m
The maximum current limit is then determined by
which in this case is 2.4 A. Under the stated input voltage
condition, if the 2.4 A current limit is exceeded the internal
die temperature will rise and eventually, possibly damage
the device.
Active EN Pull Down for Reverse Blocking
When an internal circuit detects the condition of VOUT 0.8 V
higher than VIN, it will turn on the pull down circuit connected
to EN, forcing the switching OFF. The pull down value is
about 1 k
.
Pulse Current Capability
The device is mounted on the evaluation board shown in the
PCB layout section. It is loaded with pulses of 5 A and 1 ms
for periods of 4.6 ms.
The SiP32508 and SiP32509 can safely support 5 A pulse
current repetitively at 25 °C.
Switch Non-Repetitive Pulsed Current
The SiP32508 and SiP32509 can withstand inrush current of
up to 12 A for 100 μs at 25 °C when heavy capacitive loads
are connected and the part is already enabled.
Recommended Board Layout
For the best performance, all traces should be as short as
possible to minimize the inductance and parasitic effects.
The input and output capacitors should be kept as close
as possible to the input and output pins respectively.
Using wide traces for input, output, and GND to reducing
the case to ambient thermal impedance.
Fig. 27 - Demo Board Layout
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62754.
)
(
(max.)
(max.)
ON
DS
LOAD
R
P
I
<
IN
EN
OUT
Reverse
Blocking
Charge
Pump
Control Logic
Input Buffer
Pull Down
Circuit
Control and Drive
V
OUT > VIN
Detect
When V
OUT is 0.8 V above the VIN, pull down circuit
will be activated. It connects the EN to GND with a
resistance of around 1 k
Ω.
5 A
1 ms
180 mA
4.6 ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com