Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41103 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP41103
Description  Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41103 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP41103 Datasheet HTML 1Page - Vishay Siliconix SIP41103 Datasheet HTML 2Page - Vishay Siliconix SIP41103 Datasheet HTML 3Page - Vishay Siliconix SIP41103 Datasheet HTML 4Page - Vishay Siliconix SIP41103 Datasheet HTML 5Page - Vishay Siliconix SIP41103 Datasheet HTML 6Page - Vishay Siliconix SIP41103 Datasheet HTML 7Page - Vishay Siliconix SIP41103 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 72718
S-
61692–Rev. E, 04-Sep-06
Vishay Siliconix
SiP41103
Notes:
a. Device mounted with all leads soldered or welded to PC board
b. Derate 9.6 mW/°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (All voltages referenced to GND = 0 V)
Parameter
Limit
Unit
VDD, PWM, ENSYNC, DELAY
7
V
LX, BOOT
55
BOOT to LX
7
Storage Temperature
- 40 to 150
°C
Operating Junction Temperature
125
Power Dissipationa,b
MLP-33
960
mW
Thermal Impedance(
Θ
JA)
a,b
105
°C/W
RECOMMENDED OPERATING RANGE (All voltages referenced to GND = 0 V)
Parameter
Limit
Unit
VDD
4.5 to 5.5
V
VBOOT
4.5 to 50
CBOOT
100 nF to 1 µF
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
VDD = 5 V, VBOOT - VLX = 5 V, CLOAD = 3 nF
TA = - 40 to 85 °C
Limits
Unit
Mina
Typb
Maxa
Power Supplies
Supply Voltage
VDD
4.5
5.5
V
Quiescent Current
IDDQ
fPWM = 1 MHz, CLOAD = 0
2.3
3.0
mA
Shutdown Current
ISD1
PWM = 0 V
1
µA
ISD2
PWM = 5 V
30
60
Reference Voltage
Break-Before-Make
VBBM
LX Falling
1
V
PWM Input
Input High
VIH
4.0
VDD
V
Input Low
VIL
0.5
Bias Current
IB
± 0.3
± 1
µA
ENSYNC Inputs
Input High
VIH
2.0
VDD
V
Input Low
VIL
1.0
Bias Current
IB
± 1
µA
High-Side Undervoltage Lockout
Threshold
VUVHS
Rising or Falling
2.5
3.35
3.75
V
Bootstrap Diode
Forward Voltage
VF
IF = 10 mA, TA = 25 °C
0.7
0.76
0.82
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com