Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP41111 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP41111 Datasheet HTML 1Page - Vishay Siliconix SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
Vishay Siliconix
SiP41111
BLOCK DIAGRAMS
Notes:
a. All voltages are referenced to ground unless otherwise specified.
b. Device mounted with all leads soldered or welded to PC board.
c. Derate 6.5 mW/°C above + 70 °C.
d. Derate 25 mW/°C above + 70 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
LEVEL SHIFT
UNDER VOLTAGE
V
HI
LI
V
HB
HO
HS
LO
SS
DD
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Supply Voltage, VDD, VHB-VHS
a
- 0.3 to 14
V
LI and HI Voltagea
- 0.3 to VDD + 0.3
Voltage on LOa
- 0.3 to VDD + 0.3
Voltage on HOa
VHS - 0.3 to VHB + 0.3
Voltage on HSa
Continuous
- 1 to + 89
Voltage on HBa
VDD = 12 V
+ 89
Average Current in VDD to HB diode
100
mA
ESD Classification
Class 1
1
kV
THERMAL INFORMATION
Parameter
Limit
Unit
Thermal Resistance (Typical)
θJA
SOICb
153
°C/W
SOIC (PowerPak)b
40
Max Power Dissipation
at 70 °C in Free Air (SOIC)c
522
mW
at 70 °C in Free Air (SOIC PowerPAK)d
2.0
W
Junction Temperature Range
- 65 to 150
°C
Storage Temperature Range
- 55 to 150
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Supply Voltage
VDD
+ 9 to 13.2
V
Voltage on HS
- 1 to 75
Voltage on HB
VHS + 8 to VHS + 13.2 and VDD - 1 to VDD + 75



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com