Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT10 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TCLT10
Description  Optocoupler with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT10 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TCLT10 Datasheet HTML 4Page - Vishay Siliconix TCLT10 Datasheet HTML 5Page - Vishay Siliconix TCLT10 Datasheet HTML 6Page - Vishay Siliconix TCLT10 Datasheet HTML 7Page - Vishay Siliconix TCLT10 Datasheet HTML 8Page - Vishay Siliconix TCLT10 Datasheet HTML 9Page - Vishay Siliconix TCLT10 Datasheet HTML 10Page - Vishay Siliconix TCLT10 Datasheet HTML 11Page - Vishay Siliconix TCLT10 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number 83515
Rev. A3. 19-Mar-01
www.vishay.com
11 (12)
VISHAY
T
Dimensions of Tape in mm
TCLT10.. Series
Vishay Telefunken
"c;")'
.-
I
I
I
,_ S•
I
N
""
N
1.75
10.6
Leader (start) min. 400 mm without devices
16
Trailer lend) min. 200 mm without devices
Issue:1; 22.11.00
Drawing refers to following types:
TCLT 1...
16516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com