Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button NSAM266SAA Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 43Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 44Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 45Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 46Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 47Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 48Page - National Semiconductor (TI) NSAM266SAA Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
20 Software (Continued)
TABLE 2-2 Tunable Parameters
(Continued)
Index
Parameter Name
Description
Default
27
DTMF
TWIST
LEVEL
A one-byte value that controls the twist level of a DTMF tone generated by the GT
66
command by controlling the energy level of each of the two tones (low frequency and
high frequency) composing the DTMF tone The Least Significant Nibble (LSN)
controls the low tone and the Most Significant Nibble (MSN) controls the high tone
The energy level of each tone as measured at the output of a TP3054 codec (before
the DAA) connected to the CompactSPEECH is summarized in the following table
Nibble Value
Tone energy (dB-Volts)
00
1
b
178
2
b
143
3
b
129
4
b
124
5
b
120
6
b
119
7
b
1185
8–15
b
1185
The volume of the generated DTMF tone during meaurements was 6
(TONE
GENERATION
LEVELaVOL
LEVEL e 6)
For the default level the high tone is b143 dBV and the low tone is b124 dBV
which gives a DTMF twist level of 19 dB
The energy level of a single generated tone is the level of the low tone
28
Reserved
29
Reserved
Example
TUNE 23 700
Byte sequence
Microcontroller
15 17 02 BC
CompactSPEECH 15 17 02 BC
Description
Set the minimum period for busy
detection to seven seconds
VC
Volume Control
vol
level
Controls the energy level of all the output generators (play-
back tone generation and voice synthesis) with one com-
mand The resolution is g3 dB
The actual output level is composed of the tunable level
variable plus the
vol
level The valid range for the actual
output level of each output generator is defined in Table 2-2
For example if the tunable variable VCD
LEVEL is 6 and
vol
level is b2 then the output level equals VCD
LEVEL
a
vol
level e 4
Example
VC 04
Byte sequence
Microcontroller
28 04
CompactSPEECH 28 04
Description
Set the volume level to VCD
LEVEL a
4
WRAM
Write Memory
tag data
This command creates a new message with a message tag
tag The following 32 bytes of data data are stored as the
new message data in the message memory
The WRAM command switches the CompactSPEECH to
the MEMORY
WRITE
state As long as it remains in this
state each subsequent WMEM command appends new
message data to the end of the previous data
The
CompactSPEECH remains in the MEMORY
WRITE
state
until an S command is issued Note that while the Compact-
SPEECH is in the MEMORY
WRITE
state
tag is ignored
If
the
memory
becomes
full
recording
stops
and
EV
MEMFULL is set in the status word
Example
WMEM 1
32 bytes
Byte sequence
Microcontroller
17 01
32 bytes of
data to write
CompactSPEECH 17 01
echo 32 bytes
of data
Description
Create a message with tag e 01 and
write 32 bytes in the message memory
http
www nationalcom
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com